|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Topstek Current Transducer TMB100A..TMB1000A TMB 100A~1000A Features iHighly reliable Hall Effect device iCompact and light weight iFast response time iExcellent linearity of the output voltage over a wide input range iExcellent frequency response (> 50 kHz) iLow power consumption (12 mA nominal) iCapable of measuring both DC and AC, both pulsed and mixed iHigh isolation voltage between the measuring circuit and the current-carrying conductor (AC2.5KV) iExtended operating temperature range iFlame-Retardant plastic case and silicone encapsulate, using UL classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range Applications iUPS systems iIndustrial robots iNC tooling machines iElevator controllers iProcess control devices iAC and DC servo systems iMotor speed controller iElectrical vehicle controllers iInverter-controlled welding machines iGeneral and special purpose inverters iPower supply for laser processing machines iController for traction equipment e.g. electric trains iOther automatic control systems Specifications Parameter Nominal Input Current Linear Range Nominal Output Voltage Offset Voltage Output Resistance Hysteresis Error Supply Voltage Linearity Consumption Current Response Time (90%Vhn) Frequency bandwidth (-3dB) Thermal Drift of Output Thermal Drift of Zero Current Offset Dielectric Strength Isolation Resistance @ 1000 VDC Operating Temperature Storage Temperature Mass ICC Tr fBW RIS Ta Ts W Symbol Unit Ifn Ifs Vhn Vos ROUT Voh VCC/VEE mV V % mA Psec Hz %/C mV/C V M C C g A DC A DC V mV TMB 100A 100 300 TMB 200A 200 600 TMB 300A 300 900 TMB 400A 400 1200 TMB 500A 500 1500 TMB 600A 600 1800 TMB 800A 800 2000 TMB 1000A 1000 2000 4.0 V1% at If=Ifn ( RL=10k ) Within 40 mV @ If=0, Ta=25C <100 Within 20 mV @ If=Ifn 0 15V 5% Within 1% of Ifn 15 mA max 5 Psec @ d If /dt = Ifn / Psec DC to 50kHz Within 0.1 %/C @ Ifn < 1.0 mV/C AC2.5KV X 60 sec >1000 M -15C to 80C -20C to 85C 250 g - 82 www.topstek.com TMB V080201 7/1/2008 Topstek Current Transducer TMB100A..TMB1000A Appearance, dimensions and pin identification All dimensions in mm 0.5, holes -0, +0.5 except otherwise noted. - 83 www.topstek.com TMB V080201 7/1/2008 |
Price & Availability of TMB600A |